PART |
Description |
Maker |
5962R9213902HZA 5962-9213902HZA |
Precision High-Voltage Reference in SOT23 型DC - DC电压转换 Precision, Single-Supply, SPST Analog Switches 型DC - DC电压转换
|
NEC, Corp.
|
PT7M7812M PT7M7812XTAE PT7M7812Y PT7M7812S PT7M781 |
Precision supply-voltage monitor
|
List of Unclassifed Manufacturers List of Unclassifed Man...
|
S93WD462 S93WD462PA S93WD462PB S93WD462PAT S93WD46 |
Precision supply-voltage monitor and reset controller with a watchdog timer and 1K-bit microwave memory Precision Supply-Voltage Monitor and Reset Controller With a Watchdog Timer and 1k-bit Microwire Memory
|
Summit Microelectronics, Inc. ETC http://
|
MAX1132BCA MAX1132-MAX1133 MAX1133 MAX1133BCAP MAX |
From old datasheet system Analog IC - Datasheet Reference "16-Bit ADC, 200ksps, 5V Single-Supply with Reference" 16-Bit ADC 200ksps 5V Single-Supply with Reference Low-Voltage Adjustable Precision Shunt Regulator 3-SOT-23 0 to 70 Low-Voltage Adjustable Precision Shunt Regulator 3-SOT-89 -40 to 125 Low-Voltage Adjustable Precision Shunt Regulator 3-SOT-23 -40 to 125 16ADC,处理速度高达200kspsV单电源供电的参 16-Bit ADC / 200ksps / 5V Single-Supply with Reference
|
MAXIM - Dallas Semiconductor Maxim Integrated Products Inc MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. ADC
|
5962-9318702H4A 5962-9318702H5C 5962-9318702HUC 59 |
Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps SOT23, Micropower, Single-Supply, Rail-to-Rail I/O Op Amps Single, Dual, Quad, 1.2µA Max, Single-Supply Op Amps High-Output-Drive, Precision, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps with Shutdown Low-Cost, SOT23, Voltage-Output, High-Side Current-Sense Amplifier Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply Rail-to-Rail I/O Op Amps SOT23, Rail-to-Rail, Fixed-Gain, Gain Amps/Open-Loop Op Amps X32号的SRAM模块 350MHz/250MHz, 2-Channel Video Multiplexer-Amplifiers X32号的SRAM模块 x32 SRAM Module X32号的SRAM模块
|
Electronic Theatre Controls, Inc. Avago Technologies, Ltd. Bourns, Inc.
|
MAX6018AEUR18 MAX6018BEUR21-T MAX6018 MAX6018AEUR1 |
Precision Micropower 1.8V Supply Low-Dropout SOT23 Voltage Reference " Precision, Micropower, 1.8V Supply, Low- Dropout, SOT23 Voltage Reference" Precision, Micropower, 1.8V Supply, Low-Dropout, SOT23 Voltage Reference Precision / Micropower / 1.8V Supply / Low-Dropout / SOT23 Voltage Reference
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
5962-8973501V2A 5962R89735012A |
CMOS, 5V Input, 100ksps, 12-Bit ADC with Track/Hold and Reference High-Supply-Voltage, Precision Voltage Reference in SOT23 八路D类触发器
|
Vishay Intertechnology, Inc.
|
LT1077AC LT1077ACH LT1077ACJ8 LT1077ACN8 LT1077AI |
Micropower, Single Supply, Precision Op Amp From old datasheet system Micropower/ Single Supply/ Precision Op Amp Micropower Single Supply Precision Op Amp JT 18C 18#20 SKT PLUG
|
LINER[Linear Technology] Linear Technology Corporation
|
MAX6225 MAX6225ACPA MAX6225ACSA MAX6225AEPA MAX622 |
Low-Noise Precision 2.5V/ 4.096V/ 5V Voltage References From old datasheet system Low-Noise / Precision / 2.5V/ 4.096V/ 5V Voltage References Low-Noise, Precision, 2.5V/ 4.096V/ 5V Voltage References 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 5 V, PDIP8 Low-Noise, Precision, 2.5V/ 4.096V/ 5V Voltage References 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 4.096 V, PDIP8 OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS 20-CDIP -55 to 125
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
LTC1536 LTC1536C LTC1536CMS8 LTC1536CS8 LTC1536I L |
Advanced LinEPIC Self-Calibrating (Self-Cal) Precision Single Operational Amplifier 8-SOIC Precision Triple Supply Monitor for PCI Applications
|
Linear Technology Corporation LINER[Linear Technology]
|
LT1178S8 LT1179S8 |
From old datasheet system 20µA Max, Dual SO-8 Package, Single Supply Precision Op Amp 20 A Max, Dual SO-8 Package, Single Supply Precision Op Amp 20uA Max, Dual SO-8 Package, Single Supply Precision Op Amp
|
LINER[Linear Technology]
|